Part Number Hot Search : 
L4993MD AO741 MAX173 DT72V DT72V AD382 00BZXI C2500
Product Description
Full Text Search
 

To Download MMSZ5226BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5223BSMMSZ5259BS
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
FEATURES
* * * *
Planar Die Constrruction 200mW Power Dissipation on FR-4 PCB Gemera purpose, Medium Current Ldeally Suited for Automated Assembly
SOD-323
MECHANICAL DATA
* * * * *
.014(.35) .010(.25)
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.004 gram
.071(1.80) .063(1.60) .055(1.40) .047(1.20)
.106(2.70) .098(2.50)
.006(.15)
.003(.08)
MAX.039(1.00)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
REF .019(0.46)
.004(.10) .000(.00)
Dimensions in inches and (millimeters) MAXIMUM RATINGES (@ TA = 25oC unless otherwise noted ) RATINGS Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC (Note 1) SYMBOL PD TJ TSTG VALUE 200 +150 -65 to +150 UNITS mW
o o
C C
ELECTRICAL CHARACTERISTICS (@ TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient (Note 1) Max. Instantaneous Forward Voltage at IF= 10mA SYMBOL R qJA VF MIN. TYP. MAX. 625 0.9 UNITS
o
C/W
Volts VC 2008-12 REV: A
Notes 1. Valld provided that device terminals are kept at amblent temperature. 2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
ELECTRICAL CHARACTERISTICS
Zener voltage Range (Note 1) TYPE VZ (V) @ IZT Nom Volts Min Volts 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 Max Volts 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95
(@TA=25 C unless otherwise specified)
O
Test current
Maximum Zener impedance ZZT at IZT (W) 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 at IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum reverse leakage current IR (uA) 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 at VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2
ZZK (W) 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5233BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5238BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS
2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
Note 1. Tested with pulses,Tp<1.0ms.
RATING AND CHARACTERISTICS CURVES ( MMSZ5223BS-MMSZ5259BS )
0.4 CT,TOTAL CAPACITANCE(pF) PD,POWER DISSIPATION(W) 1000 f = 1MHz 0.3
100
0V BIAS
0.2
10
0.1
0
0
25
50
75
100
125
150
1
1
10
100
Figure 1 Power Dissipation vs Ambient Temperature
1000 DYNAMIC ZENER IMPEDANCE(W) PPK,PEAK SURGE POWER (W) 100
TA,AMBIENT TEMPERATURE(OC)
Figure 2 Typical Capacitance
VZ,NOMINAL ZENER VOLTAGE(V)
IZ= 1.0mA 100
10
10
1 1 10 100
VZ,NOMINAL ZENER VOLTAGE(V)
1
1
10
100
1000
PULSE WIDTH(ms)
Figure 3 Zener Voltage vs Zener Impedence
50 40 30 20 10 0 Test Current Iz 20mA TJ = 25OC 5V6 6V8 8V2 IZ,ZENER CURRENT(mA) 20 30
Figure 4 Maximum Non-repetitive Surge Power
TJ = 25OC
10
12 15 Nominal Zener Voltage 18 22 27
IZ,ZENER CURRENT(mA)
Test Current Iz 10
33
36 39
0
1
2
3
4
5
6
7
8
9
10
0
0
10
20
VZ,ZENER VOLTAGE(V)
30
40
VZ,ZENER VOLTAGE(V)
Figure 5 Zener Breakdown Characteristics
Figure 6 Zener Breakdown Characteristics
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of MMSZ5226BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X